Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628HT Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628HT
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628HT Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628HT Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV 1.0
3
E-34-4
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE628HT
PDFN 3x3S
Halogen-Free & Lead-Free
NIKO-SEM
Turn-On Delay Time
2
td(on)
Q2
VDS = 15V ,
ID  10A, VGS = 10V, RGEN =6Ω
Q1
VDS = 15V ,
ID  8A, VGS = 10V, RGEN =6Ω
Q2
27
nS
Q1
17
Rise Time
2
tr
Q2
25
Q1
17
Turn-Off Delay Time
2
td(off)
Q2
51
Q1
37
Fall Time
2
tf
Q2
27
Q1
18
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
Q2
35
A
Q1
11
Forward Voltage
1
VSD
IF = 1A, VGS = 0V
Q2
0.6
V
IF = 8A, VGS = 0V
Q1
1.4
Reverse Recovery Time
trr
Q2
IF = 10A, dlF/dt = 100A / S
Q1
IF = 8A, dlF/dt = 100A / S
Q2
12
nS
Q1
8.4
Reverse Recovery Charge
Qrr
Q2
3.5
nC
Q1
1.5
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is Q2=19A , Q1=5.5A.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com