Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628HT Datasheet(PDF) 5 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628HT
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628HT Datasheet(HTML) 5 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628HT Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
REV 1.0
5
E-34-4
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE628HT
PDFN 3x3S
Halogen-Free & Lead-Free
NIKO-SEM
single pulse
Duty cycle=0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Notes
1.Duty cycle, D= t1 / t2
2.RthJA = 55 ℃/W
3.TJ-TA = P*RthJA(t)
4.RthJA(t) = r(t)*RthJA
DC
100ms
10ms
1ms
0.01
0.1
1
10
100
0.1
1
10
100
NOTE :
1.VGS = 10V
2.TA = 25˚C
3.RθJA = 55 ˚C/W
4.Single Pulse
Operation in This
Area is Limited by
RDS(ON)
0
7
14
21
28
35
0.001
0.01
0.1
1
10
100
Single Pulse
RθJA = 55 ˚C/W
TA = 25˚C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=10A
25℃
150℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ , Junction Temperature(˚C)
Safe Operating Area
Single Pulse Maximum Power Dissipation
Single Pulse Time(s)
VDS, Drain-To-Source Voltage(V)
Transient Thermal Response Curve
T1 , Square Wave Pulse Duration[sec]
VSD, Source-To-Drain Voltage(V)
On-Resistance VS Temperature
Source-Drain Diode Forward Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com