Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628HT Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628HT
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628HT Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628HT Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REV 1.0
2
E-34-4
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE628HT
PDFN 3x3S
Halogen-Free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 10mA
Q2
30
V
VGS = 0V, ID = 250A
Q1
30
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
Q2
1.3
1.7
2.3
Q1
1.3
1.7
2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
Q2
±100
nA
Q1
±100
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
Q2
0.5
mA
Q1
1
uA
VDS = 20V, VGS = 0V, TJ = 55 °C
Q2
5
mA
Q1
10
uA
Drain-Source On-State
Resistance
1
RDS(ON)
VGS =4.5V, ID = 10A
Q2
7
10.5
mΩ
VGS =4.5V, ID = 6A
Q1
22
31
VGS = 10V, ID = 10A
Q2
5.3
7.5
VGS = 10V, ID = 8A
Q1
15.5
20
Forward Transconductance
1
gfs
VDS = 5V, ID = 10A
Q2
52
S
VDS = 5V, ID = 8A
Q1
28
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
Q2
1075
pF
Q1
323
Output Capacitance
Coss
Q2
215
Q1
71
Reverse Transfer Capacitance
Crss
Q2
155
Q1
47
Total Gate Charge
2
Qg
VGS = 10V
Q2
VDS = 15V , VGS = 10V,
ID = 10A
Q1
VDS = 15V , VGS = 10V,
ID = 8A
Q2
20
nC
Q1
7.7
VGS = 4.5V
Q2
11
Q1
4.2
Gate-Source Charge
2
Qgs
Q2
2.4
Q1
1.3
Gate-Drain Charge
2
Qgd
Q2
5.8
Q1
2.2



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com