Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628HT Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628HT
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628HT Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628HT Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV 1.0
1
E-34-4
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE628HT
PDFN 3x3S
Halogen-Free & Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
Q2
Q1
UNITS
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
3
TC = 25 °C
ID
39
21
A
TC = 100 °C
24
13
Pulsed Drain Current
1
IDM
50
32
Continuous Drain Current
TA = 25 °C
ID
14
8
TA = 70 °C
11
6.5
Avalanche Current
IAS
22
12
Avalanche Energy
L = 0.1mH
EAS
24
7.2
mJ
Power Dissipation
TC = 25 °C
PD
21
16
W
TC = 100 °C
8.6
6
Power Dissipation
4
TA = 25 °C
PD
2.7
2.5
W
TA = 70 °C
1.7
1.6
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
Q2 Max
Q1 Max
UNITS
Junction-to-Ambient
2
t ≦10s
RJA
45
50
°C / W
Steady-State
55
77
Junction-to-Case
Steady-State
RJC
5.8
7.5
1Pulse width limited by maximum junction temperature T
J(MAX)=150°C.
2The value of R
θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C. The value in any given application depends on the user's specific board design.
3Package limitation current is Q2=19A , Q1=5.5A.
4The Power dissipation is based on RJA t ≦10s value.
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
Q2
30V
7.5mΩ
39A
Q1
30V
20mΩ
21A
1 : G1
2,3,4 : D1
5,6,7 : S2
8 : G2
9 : S1/D2


Número de pieza similar - PE628HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi U-NIKC Semiconduct...
PE628HT UNIKC-PE628HT Datasheet
1Mb / 11P
Dual N-Channel Enhancement Mode MOSFET
More results

Descripción similar - PE628HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com