Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628HT Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628HT
Descripción Electrónicos  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628HT Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628HT Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. PE628HT Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
REV 1.0
4
E-34-4
Dual N-Channel Enhancement Mode
Field Effect Transistor
PE628HT
PDFN 3x3S
Halogen-Free & Lead-Free
NIKO-SEM
0
2
4
6
8
10
0
4
8
121620
VDS=15V
ID=10A
0
0.003
0.006
0.009
0.012
0.015
24
68
10
ID=10A
0
0.003
0.006
0.009
0.012
0.015
0
6
12
18
24
30
VGS=10V
VGS=4.5V
25℃
125℃
-20℃
0
6
12
18
24
30
0
123
45
0
6
12
18
24
30
0123456
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4.5V
VGS=3V
VGS=3.5V
VGS, Gate-To-Source Voltage(V)
VDS, Drain-To-Source Voltage(V)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
Qg , Total Gate Charge(nC)
On-Resistance VS Gate-To-Source
On-Resistance VS Drain Current
ID , Drain-To-Source Current(A)
VGS, Gate-To-Source Voltage(V)
TYPICAL PERFORMANCE CHARACTERISTICS
Q2
Output Characteristics
Transfer Characteristics
CISS
COSS
CRSS
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com