| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GPL32611B Datasheet(PDF) 15 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPL32611B Datasheet(HTML) 15 Page - Generalplus Technology Inc. |
|
15 / 22 page ![]() GPL32611B © Generalplus Technology Inc. Proprietary & Confidential 15 Oct. 02, 2018 Version: 1.3 have the same sample rate. A single DMA channel can utilize the stereo playback. 5.23.2. ADC control A 12-bit ADC is embedded in GPL32611B for general purpose application. The ADC has eight inputs which can be selected by software programming with max. 62.5KHz sample rate for eight channels totally. It also provides an independent MIC channel with PGAC function (Program Gain Control) for voice recording application, and Touch Panel interrupt function when Touch Panel application is applied. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |