| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GPL32611B Datasheet(PDF) 19 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPL32611B Datasheet(HTML) 19 Page - Generalplus Technology Inc. |
|
19 / 22 page ![]() GPL32611B © Generalplus Technology Inc. Proprietary & Confidential 19 Oct. 02, 2018 Version: 1.3 8. PACKAGE/PAD LOCATIONS 8.1. Ordering Information Product Number Package Type GPL32611B-NnnV-QLMxx SLQFP 128 Note1: Code number is assigned for customer. Note2: Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z). Note3: Package form number (x = 1 - 9, serial number). Note4: PartNumber_XXXX where “XXXX” is a 4-digit code, managed by Generalplus, to indicate additional software algorithm(s) or royalty type(s) applied to the product. Same part numbers bearing different codes make no differences in hardware specification. 8.2. Package Information SLQFP 128 Symbol Dimension In mm Dimension in inch Min Nom Max Min Nom Max A - - 1.60 - - 0.063 A1 0.05 - - 0.002 - - A2 1.35 1.40 1.45 0.053 0.055 0.057 b 0.13 0.18 0.23 0.005 0.007 0.009 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |