Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GPL32611B Datasheet(PDF) 18 Page - Generalplus Technology Inc.

No. de pieza GPL32611B
Descripción Electrónicos  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENERALPLUS [Generalplus Technology Inc.]
Página de inicio  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 19Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 20Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 21Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 22Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
18
Oct. 02, 2018
Version: 1.3
7. RECOMMENDED BOARD LAYOUT
7.1. Power and Ground
All power and ground pins are connected as in the following
diagram for general application.
The decoupling capacitor of
0.1
F and 10F should be connected to each corresponding
power pin of the IC and 0.1uF capacitor must be as close as
possible to the power pin.
The POWER BEAD is optional for
higher quality.
GPL3260xB
3.3V
VDD12
VSS
V12_REG
VSS_REG
VSS_REG
VSS_CLKEGN
VSS_USB
VSS_VDAC
VSS_ADC
VSS_DA16
Ground
POWER
BEAD
10
F
V33_RTC
2.2
F
2.2
F
VSS_PWM
VDD12_MIPI
0.1
F
Ground
POWER
BEAD
V12_FB
V33_REG
VSS_REG
0.1
F
V33_PWM
VSS_PWM
0.1
F
V33_USB
VSS_USB
0.1
F
V33_CLKGEN
VSS_CLKGEN
0.1
F
0.1
F
V33_VDAC
VSS_VDAC
0.1
F
V33_ADC
VSS_ADC
0.1
F
V33_DA16
VSS_DA16
0.1
F
VDD33
VSS
0.1
F
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
0.1
F
VSS
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
POWER
BEAD
VSS
POWER
BEAD
7.2. Crystal and PLL
When the 12MHz crystal is utilized in the system, normally for
USB application, no additional circuit is required. For TV
application requiring precise 12M clocks, please refer the follow
diagram for crystal circuit connection.
X12MI
X12MO
12MHz
C1*
C2*
Note*: C1 and C2 suggest values by follow rules:
ic
stray
L
2
1
C
2
x
)
C
C
(
C
C
ic
C : IC internal capacitance is equal 15p  10%.
stray
C
:Stray capacitance in the circuit and PCB board get by measurement.
L
C : Load capacitance of 12M crystal get by crystal spec.
Note2: if Vpp
’s min = 1.2V @VDD =3.3V or Vpp’s min = 1V @VDD =2.6V,
the 12MHz crystal works normally.
X32KI
X32KO
CL2*
32768 Hz
CL2*
BM[2]
A Crystal (32768Hz) may be used for applications requiring
precise time clocks.
See the above diagram for details.
Note*:
Please refer to the crystal’s application circuit.
If 12MHz crystal is disabled to reduce cost of system BOM (Bill of
Materials), please refer to the following diagram for crystal circuit
connection.
X32KI
X32KO
32768 Hz
CL2*
CL2*
BM[2]
X12MI
7.5K
3.3n
47n
Note1: If 12M crystal is not utilized in the system, it will not support
USB and TV function.
GPL3261xB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com