| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130 Datasheet(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Datasheet(HTML) 19 Page - ams AG |
|
19 / 66 page ![]() ams Datasheet Page 19 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Detailed Description Command Byte The AS1130 operation (see Figure 38) is determined by a command byte (see Figure 25). Figure 25: Command Byte Figure 26: Command and Single Data Byte Received by AS1130 Figure 27: Setting the Pointer to a Address Register to Select a Data Register for a Read Operation A7 A6 A5 A4 A3 A2 A1 A0 MSB 654 321 LSB From Master to Slave From Slave to Master AA P A S Command Byte Data Byte Slave Address A6 A5 A4 A3 A2 A1 A0 A7 D6 D5 D4 D3 D2 D1 D0 D7 Acknowledge from AS1130 0 0 0 Acknowledge from AS1130 Acknowledge from AS1130 R/W 0 AS1130 Registers Autoincrement Memory Word Address 1 Byte From Master to Slave From Slave to Master AP A S Command Byte Slave Address A6 A5 A4 A3 A2 A1 A0 A7 0 0 Acknowledge from AS1130 Acknowledge from AS1130 R/W 0 AS1130 Registers |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |