| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130 Datasheet(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Datasheet(HTML) 23 Page - ams AG |
|
23 / 66 page ![]() ams Datasheet Page 23 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Register Selection Within this register the access to one of the RAM sections, the Dot Correction or to the Control register is selected. After one section is selected this section is valid as long as an other section is selected. Figure 31: Register Selection Address Map Register Section Address Data Description H E X A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 H E X D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 NOP 0x FD 11111101 0x 00 00000000 No operation On/Off Frame 0 0x 01 00000001 On/Off information for each frame (up to 36 frames) On/Off Frame 1 0x 02 00000010 On/Off Frame 2 0x 03 00000011 .... ..... On/Off Frame 34 0x 23 00100011 On/Off Frame 35 0x 24 00100100 Blink & PWM Set 0 0x 40 01000000 Blink & PWM Information Sets (up to 6 sets) Blink & PWM Set 1 0x 41 01000001 Blink & PWM Set 2 0x 42 01000010 Blink & PWM Set 3 0x 43 01000011 Blink & PWM Set 4 0x 44 01000100 Blink & PWM Set 5 0x 45 01000101 Dot Correction 0x 80 10000000 Selection of Dot Correction Register Control Register 0x C0 11000000 Selection of Control Register Register Description |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |