| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130 Datasheet(PDF) 25 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Datasheet(HTML) 25 Page - ams AG |
|
25 / 66 page ![]() ams Datasheet Page 25 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description 12x11 LED Matrix The AS1130 is configured to control one big LED matrix. Figure 33: AS1130 - Dot Matrix Structure In Figure 34 it is described which databit represents which LED in the matrix. Per default all databits are ‘0’, meaning no LED is on. A ‘1’ puts the LED on. Each Current Segment of the LED Matrix consists of 11 LEDs, therefore 2 bytes of data are required for one Current Segment. CS0 is defined by the two bytes with address 0x00 and 0x01 and also includes the address of the used Blink & PWM dataset for this frame. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |