| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130 Datasheet(PDF) 35 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Datasheet(HTML) 35 Page - ams AG |
|
35 / 66 page ![]() ams Datasheet Page 35 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Dot Correction Register The AS1130 offers a feature to define a correction factor for the analog current for every segment. This correction factor is called Dot Correction and is defined in the Dot Correction register (see Figure 37). The Dot Correction Register is selected via data 128 on addr 253. Figure 37: Dot Correction Register Format Segment Address Data HEX A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 0 0x00 0000 000 0 8 bit Dot Correction 1 0x01 0 0 0 0 0 0 0 1 8 bit Dot Correction 2 0x02 0000 001 0 8 bit Dot Correction 3 0x03 0 0 0 0 0 0 1 1 8 bit Dot Correction 4 0x04 0000 010 0 8 bit Dot Correction 5 0x05 0 0 0 0 0 1 0 1 8 bit Dot Correction 6 0x06 0000 011 0 8 bit Dot Correction 7 0x07 0 0 0 0 0 1 1 1 8 bit Dot Correction 8 0x08 0000 100 0 8 bit Dot Correction 9 0x09 0 0 0 0 1 0 0 1 8 bit Dot Correction A 0x0A 0000 101 0 8 bit Dot Correction B 0x0B 0 0 0 0 1 0 1 1 8 bit Dot Correction |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |