| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130 Datasheet(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1130 Datasheet(HTML) 24 Page - ams AG |
|
24 / 66 page ![]() Page 24 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Register Description Data Definition of the Single Frames One frame consists of 2 datasets, the On/Off dataset and the Blink & PWM dataset. Where more On/Off frames can be linked to one PWM set. Depending on the used PWM sets more or less On/Off frames can be stored inside the AS1130 (see Figure 32). Each On/Off frame needs to define the used Blink & PWM dataset. Figure 32: RAM Configuration It is necessary to define the RAM configuration before data can be written to the frame datasets. The RAM configuration is defined in the AS1130 config register (see Figure 45) via bit 2:0 and bit 4 for Dot Correction. Note(s): After a first write of data to the frames, the configuration is locked in the AS1130 config register and can be changed only after a reset of the device. A change of the RAM configuration requires to re-write the frame datasets. RAM Configuration Blink & PWM Set On/Off Frame On/Off Frame with Dot Correction 1 0 35..0 34..0 2 1,0 29..0 28..0 3 2,1,0 23..0 22..0 4 3..0 17..0 16..0 5 4..0 11..0 10..0 6 5..0 5..0 4..0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |