| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC596 Datasheet(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 55 Page - Analog Devices |
|
55 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 55 of 134 | May 2022 PE_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTE Position 11 | EMAC1 Reference Clock | SHARC2 Core Flag 7 Notes: See note2 PE_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTE Position 12 | EMAC1 Transmit Enable | SHARC1 Core Flag 8 Notes: See note2 PE_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTE Position 13 | EMAC1 Transmit Data D0 | SHARC2 Core Flag 13 Notes: See note2 PE_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTE Position 14 | EMAC1 Transmit Data D1 | SPI2 Slave Select Output 7 Notes: See note2 PE_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTE Position 15 | EMAC1 Receive Data D0 | SPI0 Slave Select Output 6 Notes: See note2 PF_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 0 | EMAC1 Receive Data D1 | SPI0 Slave Select Output 7 | SPI3 Ready Notes: See note2 PF_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 1 | EMAC1 Serial Management Bidirectional Data | SHARC1 Core Flag 7 Notes: See note2 PF_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 2 | EMAC1 Serial Management Clock | SHARC1 Core Flag 6 Notes: See note2 PF_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 3 | EMAC1 Carrier Sense | SHARC1 Core Flag 10 | USBC0 USBC Stop Output Control Notes: See note2 PF_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 4 | USBC0 USBC Data 7 | TIMER0 Timer Alternate Clock 13 Notes: See note2 PF_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 5 | MLB0 Clock Output | USBC0 USBC Data 6 | TIMER0 Timer Clock Notes: See note2 PF_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 6 | SPI1 Slave Select Output 7 | SHARC2 Core Flag 2 | USBC0 USBC Data 5 Notes: See note2 PF_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 7 | SPI3 Slave Select Output 2 | SHARC2 Core Flag 3 | USBC0 USBC Data 4 Notes: See note2 PF_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 8 | SPI3 Slave Select Output 6 | SHARC2 Core Flag 8 | TIMER0 Timer 11 | USBC0 USBC Next Data Control Notes: See note2 PF_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 9 | SHARC1 Core Flag 9 | USBC0 USBC Data Direction Control Notes: See note2 Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |