| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC596 Datasheet(PDF) 57 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 57 Page - Analog Devices |
|
57 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 57 of 134 | May 2022 PG_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 10 | SHARC2 Core Flag14 | UART3 CTS | TIMER0 Alternate Clock 3 | EMSI0 D7 Notes: See note2 PG_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 11 | SHARC2 Core Flag15 Notes: See note2 PG_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 12 | OSPI0 Slave Select Output 3 | SPI2 Slave Select Output 4 | SHARC2 Core Flag11 | TIMER0 Timer 3 Notes: See note2 PG_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 13 | OSPI0 Slave Select Output 4 | SHARC1 Core Flag 0 | SHARC2 Core Flag 6 Notes: See note2 PG_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 14 | SPI0 Slave Select Output 2 | TIMER0 Timer 10 | TIMER0 Alternate Clock Input 10 Notes: See note2 PG_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 15 | SPI2 Ready | SPI3 Slave Select Output 5 | TIMER0 Timer 11 Notes: See note2 PH_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 0 | SPI3 Slave Select Output 7 | TIMER0 Timer 12 | TIMER0 Alternate Clock Input 12 Notes: See note2 PH_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 1 | SPI0 Ready | TIMER0 Timer 13 | TIMER0 Alternate Clock Input 13 Notes: See note2 PH_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 2 | SPI2 Slave Select Output 2 | SHARC1 Core Flag 1 | TIMER0 Timer 14 Notes: See note2 PH_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 3 | EMAC0 Serial Management Clock | TRACE0 Trace D08 Notes: See note2 PH_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 4 | EMAC0 Serial Management Bidirectional Data | TRACE0 Trace D09 Notes: See note2 PH_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 5 | EMAC0 Receive Data D0 | TRACE0 Trace D10 Notes: See note2 PH_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 6 | EMAC0 Receive Data D1 | TRACE0 Trace D11 Notes: See note2 PH_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 7 | EMAC0 Receive Reference Clock | TRACE0 Trace D12 Notes: See note2 Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |