| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC596 Datasheet(PDF) 97 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 97 Page - Analog Devices |
|
97 / 134 page ![]() Rev. PrD | Page 97 of 134 | May 2022 ADSP-SC595/SC596/SC598 Preliminary Technical Data DAIx Pin to DAIx Pin Direct Routing (DAI0 Block and DAI1 Block) Table 61 and Figure 31 describe I/O timing related to the digital audio interface (DAI) for direct pin connections only (for example, DAIx_PB01_I to DAIx_PB02_O). Up/Down Counter/Rotary Encoder Timing Table 62 and Figure 32 describe timing related to the general-purpose counter (CNT). Figure 30. Timer Cycle Timing Table 61. DAI Pin to DAI Pin Routing All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Switching Characteristic tDPIO Delay DAI Pin Input Valid to DAI Output Valid 1 12 ns Figure 31. DAI Pin to DAI Pin Direct Routing Table 62. Up/Down Counter/Rotary Encoder Timing All specifications are based on simulation data and are subject to change without notice. Parameter Min Max Unit Timing Requirement tWCOUNT Up/Down Counter/Rotary Encoder Input Pulse Width 2 × tSCLK0 ns Figure 32. Up/Down Counter/Rotary Encoder Timing TMR OUTPUT TMR INPUT tWH, tWL tHTO DAIx_PINn DAIx_PINm tDPIO CNT0_UD CNT0_DG CNT0_ZM tWCOUNT |