| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC596 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 10 of 134 | May 2022 SYSTEM MEMORY MAP Table 2. L1 Block 0, Block 1, Block 2, and Block 3 SHARC+ ® Addressing Memory Map (Private Address Space) Memory Long Word (64 Bits) Extended Precision/ ISA Code (48 Bits) Normal Word (32 Bits) Short Word/ VISA Code (16 Bits) Byte Access (8 Bits) L1 Block 0 SRAM (192 KB) 0x00048000– 0x0004DFFF 0x00090000– 0x00097FFF 0x00090000– 0x0009BFFF 0x00120000– 0x00137FFF 0x00240000– 0x0026FFFF L1 Block 1 SRAM (192 KB) 0x00058000– 0x0005DFFF 0x000B0000– 0x000B7FFF 0x000B0000– 0x000BBFFF 0x00160000– 0x00177FFF 0x002C0000– 0x002EFFFF L1 Block 2 SRAM (128 KB) 0x00060000– 0x00063FFF 0x000C0000– 0x000C5554 0x000C0000– 0x000C7FFF 0x00180000– 0x0018FFFF 0x00300000– 0x0031FFFF L1 Block 3 SRAM (128 KB) 0x00070000– 0x00073FFF 0x000E0000– 0x000E5554 0x000E0000– 0x000E7FFF 0x001C0000– 0x001CFFFF 0x00380000– 0x0039FFFF Table 3. L2 Memory Addressing Map Memory Byte Address Space Arm Cortex-A55: Data Access and Instruction Fetch SHARC+: Data Access Normal Word Address Space SHARC+ Data Access VISA Address Space SHARC+ Instruction Fetch ISA Address Space SHARC+ Instruction Fetch L2 Boot ROM0 Arm: 0x00000000–0x0000FFFF 0x08080000–0x08083FFF 0x00C20000–0x00C27FFF 0x00520000–0x00522AA9 SHARC+/DMA: 0x20200000–0x2020FFFF L2 RAM (2 MB)1 1 All L2 RAM blocks are subdivided into 256 KB banks. All models feature 2 MB of L2 SRAM (8 banks) except for the ADSP-SC595 models, which feature 1 MB (4 banks). See Planned Automotive Production Products, Planned Production Products, and Pre Release Products. 0x20000000–0x201FFFFF 0x08000000–0x0807FFFF 0x00B00000–0x00BFFFFF 0x00580000–0x005D5554 L2 RAM (1 MB)1 0x20100000–0x201FFFFF 0x08040000–0x0807FFFF 0x00B80000–0x00BFFFFF 0x005AAAAB–0x005D5554 L2 Boot ROM1 0x20210000–0x2021FFFF 0x08084000–0x08087FFF 0x00C00000–0x00C07FFF 0x00500000–0x00502AA9 L2 Boot ROM2 0x20220000–0x2022FFFF 0x08088000–0x0808BFFF 0x00C40000–0x00C47FFF 0x00540000–0x00542AA9 Table 4. SHARC+® L1 Memory in Multiprocessor Space Memory Block Byte Address Space Arm Cortex-A55 and SHARC+ Normal Word Address Space SHARC+ L1 Memory of SHARC1 in Multiprocessor Space Address via Completer 1 Port Block 0 0x28240000–0x2826FFFF 0x0A090000–0x0A09BFFF Block 1 0x282C0000–0x282EFFFF 0x0A0B0000–0x0A0BBFFF Block 2 0x28300000–0x2831FFFF 0x0A0C0000–0x0A0C7FFF Block 3 0x28380000–0x2839FFFF 0x0A0E0000–0x0A0E7FFF L1 Memory of SHARC2 in Multiprocessor Space Address via Completer 1 Port Block 0 0x28A40000–0x28A6FFFF 0x0A290000–0x0A29BFFF Block 1 0x28AC0000–0x28AEFFFF 0x0A2B0000–0x0A2BBFFF Block 2 0x28B00000–0x28B1FFFF 0x0A2C0000–0x0A2C7FFF Block 3 0x28B80000–0x28B9FFFF 0x0A2E0000–0x0A2E7FFF |