| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC596 Datasheet(PDF) 56 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 Datasheet(HTML) 56 Page - Analog Devices |
|
56 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 56 of 134 | May 2022 PF_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 10 | SHARC2 Core Flag 4 | USBC0 USBC Data 3 Notes: See note PF_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 11 | SHARC2 Core Flag 5 | USBC0 USBC Data 2 Notes: See note2 PF_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 12 | SHARC1 Core Flag 13 | USBC0 USBC Data 1 Notes: See note2 PF_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 13 | SHARC1 Core Flag 12 | USBC0 USBC Data 0 Notes: See note2 PF_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 14 | SHARC2 Core Flag 12 | USBC0 USBC Clock Signal Notes: See note2 PF_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTF Position 15 | CANFD0 Receive | TIMER0 Alternate Clock Input 4 Notes: See note2 PG_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 0 | CANFD0 Transmit | TIMER0 Alternate Clock 10 Notes: See note2 PG_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 1 | CANFD1 Receive | SPI2 Slave Select Output 6 | EMSI0 Command | TIMER0 Alternate Clock Input 11 Notes: See note2 PG_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 2 | CANFD1 Transmit | SPI0 Slave Select Output 5 | EMSI0 D4 Notes: See note2 PG_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 3 | UART3 TX Notes: See note2 PG_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 4 | UART3 RX | TIMER0 Alternate Clock Input 3 Notes: See note2 PG_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 5 | SPI3 Clock | TIMER0 Alternate Clock 11 Notes: See note2 PG_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 6 | SPI3 MISO Notes: See note2 PG_07 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 7 | SPI3 MOSI | TIMER0 Alternate Clock 12 Notes: See note2 PG_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 7 | SPI3 Slave Select Output 1 | SPI3 Slave Select Input | EMSI0 D5 Notes: See note2 PG_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTG Position 9 | SPI1 Slave Select Output 6 | SHARC1 Core Flag14 | UART3 RTS | TIMER0 Alternate Clock 1 | EMSI0 D6 Notes: See note2 Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |