Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552IBA/XXX Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza P83C552IBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552IBA/XXX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P83C552IBA/XXX Datasheet HTML 5Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 6Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 7Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 8Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 9Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 10Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 11Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 12Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
9
Serial Control Register (S1CON) – See Table 2
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
S1CON (D8H)
Bits CR0, CR1 and CR2 determine the serial clock frequency that is generated in the master mode of operation.
Table 2. Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
6 MHZ
12 MHz
16 MHz
24 MHz2
fOSC DIVIDED BY
0
0
0
23
47
62.5
94
256
0
0
1
27
54
71
107 1
224
0
1
0
31
63
83.3
125 1
192
0
1
1
37
75
100
150 1
160
1
0
0
6.25
12.5
17
25
960
1
0
1
50
100
133 1
200 1
120
1
1
0
100
200
267 1
400 1
60
1
1
1
0.24 < 62.5
0.49 < 62.5
0.65 < 55.6
0.98 < 50.0
96
× (256 – (reload value Timer 1))
0 < 255
0 < 254
0 < 253
0 <251
reload value Timer 1 in Mode 2.
NOTES:
1. These frequencies exceed the upper limit of 100kHz of the I2C-bus specification and cannot be used in an I2C-bus application.
2. At fOSC = 24 MHz the maximum I2C bus rate of 100kHz cannot be realized due to the fixed divider rates.
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to +6.5
V
Input, output DC current on any single I/O pin
5.0
mA
Power dissipation
(based on package heat transfer limitations, not device power consumption)
1.0
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DEVICE SPECIFICATIONS
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
TYPE
MIN
MAX
MIN
MAX
TEMPERATURE RANGE (
°C)
P83(0)C552EBx
4.5
5.5
3.5
16
0 to +70
P83(0)C552EFx
4.5
5.5
3.5
16
–40 to +85
P83(0)C552EHx
4.5
5.5
3.5
16
–40 to +125
P83(0)C552IBx
4.5
5.5
3.5
24
0 to +70
P83(0)C552IFx
4.5
5.5
3.5
24
–40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com