Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552IBA/XXX Datasheet(PDF) 18 Page - NXP Semiconductors

No. de pieza P83C552IBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552IBA/XXX Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P83C552IBA/XXX Datasheet HTML 14Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 15Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 16Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 17Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 18Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 19Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 20Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 21Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
18
SU01699
VDD–0.5
0.45 V
0.2 VDD+0.9
0.2 VDD–0.1
NOTE:
AC INPUTS DURING TESTING ARE DRIVEN AT VDD–0.5 FOR A LOGIC ‘1’ AND
0.45 V FOR A LOGIC ‘0’. TIMING MEASUREMENTS ARE MADE AT VIH MIN FOR A
LOGIC ‘1’ AND VIL MAX FOR A LOGIC ‘0’.
Figure 7. AC Testing Input/Output
SU01700
VLOAD
VLOAD+0.1 V
VLOAD–0.1 V
VOH–0.1 V
VOL+0.1 V
NOTE:
FOR TIMING PURPOSES, A PORT IS NO LONGER FLOATING WHEN A 100MV
CHANGE FROM LOAD VOLTAGE OCCURS, AND BEGINS TO FLOAT WHEN A
100 mV CHANGE FROM THE LOADED VOH/VOL LEVEL OCCURS. IOH/IOL > +
20mA.
TIMING
REFERENCE
POINTS
Figure 8. Float Waveform
SU01701
tRD
tSU;STA
tBUF
tSU;STO
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tFD
tRC
tFC
tHIGH
tLOW
tHD;STA
tSU;DAT1
tHD;DAT
tSU;DAT2
tSU;DAT3
START condition
repeated START condition
SDA
(INPUT/OUTPUT)
SCL
(INPUT/OUTPUT)
STOP condition
START or repeated START condition
Figure 9. Timing SIO1 (I2C) Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com