Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552IBA/XXX Datasheet(PDF) 20 Page - NXP Semiconductors

No. de pieza P83C552IBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552IBA/XXX Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P83C552IBA/XXX Datasheet HTML 15Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 16Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 17Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 18Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 19Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 20Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 21Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 22Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
20
SU01704
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
VDD
P1.6
P1.7
STADC
AVSS
AVref–
EW
Figure 12. IDD Test Condition, Active Mode
All other pins are disconnected1
SU01705
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
VDD
P1.6
P1.7
STADC
EW
AVSS
AVref–
Figure 13. IDD Test Condition, Idle Mode
All other pins are disconnected2
SU01706
VDD–0.5
0.5 V
0.7VDD
0.2VDD–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
Figure 14. Clock Signal Waveform for IDD Tests in Active and
Idle Modes tCLCH = tCHCL = 5ns
SU01707
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
VDD
P1.6
P1.7
STADC
EA
EW
AVSS
AVref–
Figure 15. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2 V to 5.5 V3
NOTES:
1. Active Mode:
a. The following pins must be forced to VDD: EA, RST, Port 0, and EW.
b. The following pins must be forced to VSS: STADC, AVss, and AVref–.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.
2. Idle Mode:
a. The following pins must be forced to VDD: Port 0 and EW.
b. The following pins must be forced to VSS: RST, STADC, AVss,, AVref–, and EA.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins. These pins must not have logic 0 written to them prior to this measurement.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.
3. Power Down Mode:
a. The following pins must be forced to VDD: Port 0 and EW.
b. The following pins must be forced to VSS: RST, STADC, XTAL1, AVss,, AVref–, and EA.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins. These pins must not have logic 0 written to them prior to this measurement.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com