Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552IBA/XXX Datasheet(PDF) 14 Page - NXP Semiconductors

No. de pieza P83C552IBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552IBA/XXX Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P83C552IBA/XXX Datasheet HTML 10Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 11Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 12Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 13Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 14Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 15Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 16Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 17Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
14
AC ELECTRICAL CHARACTERISTICS (Continued)1, 2
24 MHz version
24 MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
2
Oscillator frequency
3.5
24
MHz
tLHLL
2
ALE pulse width
43
2tCLCL–40
ns
tAVLL
2
Address valid to ALE low
17
tCLCL–25
ns
tLLAX
2
Address hold after ALE low
17
tCLCL–25
ns
tLLIV
2
ALE low to valid instruction in
102
4tCLCL–65
ns
tLLPL
2
ALE low to PSEN low
17
tCLCL–25
ns
tPLPH
2
PSEN pulse width
80
3tCLCL–45
ns
tPLIV
2
PSEN low to valid instruction in
65
3tCLCL–60
ns
tPXIX
2
Input instruction hold after PSEN
0
0
ns
tPXIZ
2
Input instruction float after PSEN
17
tCLCL–25
ns
tAVIV
2
Address to valid instruction in
128
5tCLCL–80
ns
tPLAZ
2
PSEN low to address float
10
10
ns
Data Memory
tRLRH
3
RD pulse width
150
6tCLCL–100
ns
tWLWH
4
WR pulse width
150
6tCLCL–100
ns
tRLDV
3
RD low to valid data in
118
5tCLCL–90
ns
tRHDX
3
Data hold after RD
0
0
ns
tRHDZ
3
Data float after RDxs
55
2tCLCL–28
ns
tLLDV
3
ALE low to valid data in
183
8tCLCL–150
ns
tAVDV
3
Address to valid data in
210
9tCLCL–165
ns
tLLWL
3, 4
ALE low to RD or WR low
75
175
3tCLCL–50
3tCLCL+50
ns
tAVWL
3, 4
Address valid to WR low or RD low
92
4tCLCL–75
ns
tQVWX
4
Data valid to WR transition
12
tCLCL–30
ns
tDW
4
Data before WR
162
7tCLCL–130
ns
tWHQX
4
Data hold after WR
17
tCLCL–25
ns
tRLAZ
3
RD low to address float
0
0
ns
tWHLH
3, 4
RD or WR high to ALE high
17
67
tCLCL–25
tCLCL+25
ns
External Clock
tCHCX
5
High time3
17
17
ns
tCLCX
5
Low time3
17
17
ns
tCLCH
5
Rise time3
5
20
ns
tCHCL
5
Fall time3
5
20
ns
Serial Timing – Shift Register Mode3 (Test Conditions: Tamb = 0 °C to +70 °C; VSS = 0 V; Load Capacitance = 80 pF)
tXLXL
6
Serial port clock cycle time
0.5
12tCLCL
µs
tQVXH
6
Output data setup to clock rising edge
283
10tCLCL–133
ns
tXHQX
6
Output data hold after clock rising edge
23
2tCLCL–60
ns
tXHDX
6
Input data hold after clock rising edge
0
0
ns
tXHDV
6
Clock rising edge to input data valid
283
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. These values are characterized but not 100% production tested.
4. tCLCL = 1/fOSC = one oscillator clock period.
tCLCL = 41.7ns at fOSC = 24 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com