Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C552IBA/XXX Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza P83C552IBA/XXX
Descripción Electrónicos  Single-chip 8-bit microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552IBA/XXX Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P83C552IBA/XXX Datasheet HTML 6Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 7Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 8Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 9Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 10Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 11Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 12Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 13Page - NXP Semiconductors P83C552IBA/XXX Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
10
DC ELECTRICAL CHARACTERISTICS
VSS, AVSS = 0 V; VDD, AVDD = 5 V ± 10%
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IDD
Supply current operating:
See notes 1 and 2
P83(0)C552EBx
fOSC = 16 MHz
45
mA
P83(0)C552EFx
fOSC = 16 MHz
45
mA
P83(0)C552EHx
fOSC = 16 MHz
40
mA
P83(0)C552IBx
fOSC = 24 MHz
55
mA
P83(0)C552IFx
fOSC = 24 MHz
55
mA
IID
Idle mode:
See notes 1 and 3
P83(0)C552EBx
fOSC = 16 MHz
10
mA
P83(0)C552EFx
fOSC = 16 MHz
10
mA
P83(0)C552EHx
fOSC = 16 MHz
9
mA
P83(0)C552IBx
fOSC = 24 MHz
12.5
mA
P83(0)C552IFx
fOSC = 24 MHz
12.5
mA
IPD
Power-down current:
See notes 1 and 4;
2 V < VPD < VDD max
P83(0)C552xBx
50
µA
P83(0)C552xFx
50
µA
P83(0)C552xHx
150
µA
Inputs
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA5
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST, P1.6/SCL, P1.7/SDA
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA5
0.7VDD
6.0
V
IIL
Logical 0 input current, ports 1, 2, 3, 4, except P1.6, P1.7
VIN = 0.45 V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, 4, except P1.6, P1.7
See note 6
–650
µA
±IIL1
Input leakage current, port 0, EA, STADC, EW
0.45 V < VI < VDD
10
µA
±IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0 V < VI < 6 V
0 V < VDD < 5.5 V
10
µA
±IIL3
Input leakage current, port 5
0.45 V < VI < VDD
1
µA
Outputs
VOL
Output low voltage, ports 1, 2, 3, 4, except P1.6, P1.7
IOL = 1.6mA7
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN, PWM0, PWM1
IOL = 3.2mA7
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA7
0.4
V
VOH
Output high voltage, ports 1, 2, 3, 4, except P1.6/SCL, P1.7/SDA
–IOH = 60µA
2.4
V
–IOH = 25µA
0.75VDD
V
–IOH = 10µA
0.9VDD
V
VOH1
Output high voltage (port 0 in external bus mode, ALE,
PSEN PWM0 PWM1)8
–IOH = 400µA
2.4
V
PSEN, PWM0, PWM1)8
–IOH = 150µA
0.75VDD
V
–IOH = 40µA
0.9VDD
V
VOH2
Output high voltage (RST)
–IOH = 400µA
2.4
V
–IOH = 120µA
0.8VDD
V
RRST
Internal reset pull-down resistor
50
150
k
Ω
CIO
Pin capacitance
Test freq = 1 MHz,
Tamb = 25 °C
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com