| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705C9AGRS/D Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 157 page ![]() General Release Specification Features MC68HC705C9A — Rev. 2.0 General Description Figure 1-1. Block Diagram 0 0 0 00 011 CPU CONTROL ARITHMETIC/LOGIC UNIT ACCUMULATOR INDEX REGISTER STACK POINTER PROGRAM COUNTER M68HC05 MCU RESET CONDITION CODE REGISTER 1 11H I N C Z PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 COP INTERNAL OSCILLATOR DIVIDE BY TWO CAPTURE/ IRQ VDD VSS OSC1 OSC2 USER RAM —352 BYTES RESET PB7 PB6 PB5 PB4 PB3 PB2 PB1 PB0 USER EPROM — 15,936 BYTES PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 COMPARE TIMER TCMP TCAP WATCHDOG CPU CLOCK POWER INTERNAL CLOCK SPI GENERATOR BAUD RATE SCI SS SCK MOSI MISO TDO RDI PD7 PD5/SS PD4/SCK PD3/MOSI PD2/MISO PD1/TDO PD0/RDI DIVIDE BY FOUR TIMER CLOCK BOOT ROM — 239 BYTES Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |