| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705C9AGRS/D Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 157 page ![]() General Release Specification Functional Pin Descriptions MC68HC705C9A — Rev. 2.0 General Description 1.7 Functional Pin Descriptions Figure 1-5, Figure 1-6, Figure 1-7, and Figure 1-8 show the pin assignments for the available packages. A functional description of the pins follows. NOTE: A line over a signal name indicates an active low signal. For example, RESET is active high and RESET is active low. Figure 1-5. 40-Pin PDIP Pin Assignments 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 PD0/RDI PD1/TDO PD2/MISO PD3/MOSI PD4/SCK PD5/SS TCMP PD7 TCAP OSC2 OSC1 VDD VSS PB7 PB6 PB5 PB4 PB3 PB2 PB1 PB0 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 VPP IRQ RESET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |