| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705C9AGRS/D Datasheet(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 99 Page - NXP Semiconductors |
|
99 / 157 page ![]() MC68HC705C9A — Rev. 2.0 Serial Peripheral Interface General Release Specification — MC68HC705C9A Section 10. Serial Peripheral Interface 10.1 Content 10.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .99 10.3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100 10.4 SPI Signal Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100 10.4.1 Master In Slave Out (MISO) . . . . . . . . . . . . . . . . . . . . . . .101 10.4.2 Master Out Slave In (MOSI) . . . . . . . . . . . . . . . . . . . . . . .101 10.4.3 Serial Clock (SCK) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .102 10.4.4 Slave Select (SS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .102 10.5 Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .103 10.6 SPI Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .105 10.6.1 Serial Peripheral Control Register (SPCR) . . . . . . . . . . . .105 10.6.2 Serial Peripheral Status Register (SPSR) . . . . . . . . . . . . .107 10.6.3 Serial Peripheral Data I/O Register (SPDR) . . . . . . . . . . .109 10.2 Introduction The serial peripheral interface (SPI) is an interface built into the device which allows several MC68HC05 MCUs, or MC68HC05 MCU plus peripheral devices, to be interconnected within a single printed circuit board. In an SPI, separate wires are required for data and clock. In the SPI format, the clock is not included in the data stream and must be furnished as a separate signal. An SPI system may be configured in one containing one master MCU and several slave MCUs, or in a system in which an MCU is capable of being a master or a slave. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |