| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705C9AGRS/D Datasheet(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 53 Page - NXP Semiconductors |
|
53 / 157 page ![]() General Release Specification RESET Pin MC68HC705C9A — Rev. 2.0 Resets Figure 5-2. Power-On Reset and RESET RESET OSC1 2 INTERNAL CLOCK 1 INTERNAL ADDRESS BUS 1 V DD INTERNAL DATA BUS 1 t RL NEW PCH NEW PCL OP CODe OP CODE PCH PCL 3 t CYC 4064t CYC t VDDR DUMMY 3FFF NEW PC NEW PC 3FFE 3FFE 3FFE NEW PC NEW PC 3FFE 3FFF 3FFE DUMMY NOTES: 1. Internal timing signal and bus information are not available externally. 2. OSC1 line is not meant to represent frequency. It is only meant to represent time. 3. The next rising edge of the internal processor clock following the rising edge of RESET initiates the reset sequence. t RL 3 RESET (C9A) (C12A) 4 4. RESET outputs VOL during 4064 power-on reset cycles when in C9A mode only. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |