| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705C9AGRS/D Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 157 page ![]() General Release Specification Functional Pin Descriptions MC68HC705C9A — Rev. 2.0 General Description Figure 1-7. 44-Lead PLCC Pin Assignments NOTE: The above 44-pin PLCC pin assignment diagram is for compatibility with MC68HC05C9A. To allow compatibility with the 44-pin PLCC MC68HC05C12A, pin17 and pin18 must be tied together and pin 39 and pin 40 also must be tied together. To allow compatibility with MC68HC705C8A, pin 3 and pin 4 also should be tied together. 39 38 37 36 35 34 33 32 31 30 29 PC2 PC1 PC0 PD0/RDI PD1/TDO PD2MISO PD3/MOSI PD4/SCK PD5/SS TCMP N/C 7 8 9 10 11 12 13 14 15 16 17 1 PA5 PA4 PA3 PA2 PA1 PA0 PB0 PB1 PB2 PB3 N/C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |