| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EB632 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 68 Freescale Semiconductor Errata CPM50 MCC Transparent Super Channel Loss of Alignment Date Added: 5/30/2000 Description: When the MCC is configured to work in Transparent, super channel first sync slot synchronization, loss of alignment may occur when the first data (idles) on the Rx data line match- es the value of the RCVSYNC parameter. Workaround: Write to RCVSYNC a pattern which cannot appear in the Rx data line. System Number: 5833 0K40A 1K42A 2K42A CPM54 Error in switching to and from shadow SI ram. Date Added: 12/10/2000, modified 15/0/2002 Description: Dynamic switching in SIRAM may not be executed properly. Workaround: In SI RAM, when working with shadow RAM, the last entry (n) and the entry im- mediately before the last entry (n-1) MUST have at least one common bit in the CNT or BYT fields. For example: SIRAM Entry CNT BYT n-1 000 1 n 010 1 The above is okay n-1 101 0 n 001 0 The above is okay n-1 100 0 n 001 0 The above is not okay. System Number: 6282, 6283 0K40A 1K42A 2K42A CPM55 Error in ATM_Transmit command. Date Added: 12/10/2000 Description: The ATM_Transmit command does not execute correctly when used on APC pri- ority above 4. Workaround: None. System Number: 6162 0K40A 1K42A 2K42A CPM57 AAL5 Cell Corruption. Date Added: 1/28/2001 Description: The second part of a second cell may overwrite the second part of the first cell in an AAL5 frame. Workaround: Use microcode patch. 0K40A 1K42A 2K42A Table 48. Errata Resolved in Mask Set 2K87M (Continued) Errata Number Errata Description Applies to Mask |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |