| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EB632 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc |
|
92 / 112 page ![]() Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 92 Freescale Semiconductor Bootloader Program ;check if the sticky bit is set ( HF7 in HCR (HCR[3]) ) move.w HCR,d4 and #$00001000,d4,d4 ;if both of the flags are set start the loading again and d4,d6 tsteq d6 jf from_host ;if everything is OK jump to the address in r3 jmp r3 end_of_loading ;load the destination address into r3 jsr load_from_fifo move.l d5,r3 eor d5,d7 jsr load_from_fifo ; reads 0 jsr load_from_fifo ; reads checksum to d5 ;get the checksum into d7.l ;d2 = (0xffff0000 & d7)>>16 extractu #16,#16,d7,d2 ;d2 = d2 & 0x0000ffff and #$0000ffff,d2,d2 ;d7 = d7 & 0x0000ffff and #$0000ffff,d7,d7 ;d7 = d7 ^ d2 eor d2,d7 ;d2 = (~d7 & 0x0000ffff) = ~checksum not d7,d2 and #$0000ffff,d2,d2 ;get ~checksum into d4 extractu #16,#16,d5,d4 ;delete the ~checksum from d5 and #$0000ffff,d5,d5 ;if ( checksum_loaded |= Checksum_calculated ) goto set sticky bit cmpeq d5,d2 nop iff jsr set_sticky_bit ;clean d4.h and #$0000ffff,d4,d4 ;if ( ~checksum_loaded |= ~Checksum_calculated ) goto set sticky bit cmpeq d4,d7 nop iff jsr set_sticky_bit ;set HF4 bit in HCR to show that loading is finished move.w HCR,d6 or #$8000,d6.l move.w d6,HCR |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |