Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EB632 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

No. de pieza EB632
Descripción Electrónicos  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 80Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 81Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 82Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 83Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 84Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 85Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 86Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
Bootloader Program
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
83
HSR
equ
BASE0_D+$0040
HCVR
equ
BASE0_D+$0060
HOTX
equ
BASE0_D+$0080
HORX
equ
BASE0_D+$00a0
ELIRE
equ
BASE0_D+$1c20
ELIRF
equ
BASE0_D+$1c28
;the registers to be used are :
;
d4,d5 for reading from the host fifo
;
r3
for holding the block address
;
d6
for holding the size
;
d7
for holding the checksum
;
d2
for holding the ~checksum
;
d1,r6
for holding the IMMR
;
r5
for holding the SRAM BASE MEM
;
d12,r15 for sw watchdog handling
;
During the loading proces the checksum is calculated for the whole
;
long and at the end of the block the two words in the calculated
;
checksum are XORed to generate the real checksum.
;---------- NMI0 (HDI16) offset 0xe00 -----
section nmi0
org
p:$0e00+BASE_EXEPTION_TABLE
nmi0
rte
endsec
;---------- NMI1 (TEA) offset 0xe40 -----
section nmi1
org p:$0e40+BASE_EXEPTION_TABLE
nmi1
rte
endsec
;---------- NMI2 (bus controller , memory write errors) offset 0xe80 -----
section nmi2
org p:$0e80+BASE_EXEPTION_TABLE
nmi2
rte
endsec
;---------- NMI3 (bus controller non aligned error) offset 0xec0 -----
section nmi3
org p:$0ec0+BASE_EXEPTION_TABLE
nmi3
rte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com