| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV641ML Datasheet(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641ML Datasheet(HTML) 41 Page - Advanced Micro Devices |
|
41 / 60 page ![]() December 21, 2005 Am29LV641MH/L 39 DA TA SH EET AC CHARACTERISTICS Read-Only Operations Notes: 1. Not 100% tested. 2. See Figure 12 and Table 12 for test specifications. 3. AC Specifications listed are tested with V IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC. Parameter Description Test Setup Speed Options JEDE C Std. 90R 101R, 101 112R 112 120R 120 Unit t AVAV t RC Read Cycle Time (Note 1) Min 90 100 110 120 ns t AVQV t ACC Address to Output Delay CE#, OE# = V IL Max 90 100 110 120 ns t ELQV t CE Chip Enable to Output Delay OE# = V IL Max 90 100 110 120 ns t PACC Page Access Time Max 25 30 30 40 30 40 ns t GLQV t OE Output Enable to Output Delay Max 25 30 30 40 30 40 ns t EHQZ t DF Chip Enable to Output High Z (Note 1) Max 16 ns t GHQZ t DF Output Enable to Output High Z (Note 1) Max 16 ns t AXQX t OH Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First Min 0 ns t OEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns tOH tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tRH tOE tRH RESET# tDF Figure 14. Read Operation Timings |