| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV641ML Datasheet(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641ML Datasheet(HTML) 45 Page - Advanced Micro Devices |
|
45 / 60 page ![]() December 21, 2005 Am29LV641MH/L 43 DA TA SH EET AC CHARACTERISTICS Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. 3. For 1–16 words programmed. 4. Effective write buffer specification is based upon a 16-word write buffer operation. 5. Word programming specification is based upon a single word programming operation not utilizing the write buffer. 6. AC Specifications listed are tested with V IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC. 7. When using the program suspend/resume feature, if the suspend command is issued within t POLL, tPOLL must be fully re-applied upon resuming the programming operation. If the suspend command is issued after t POLL, tPOLL is not required again prior to reading the status bits upon resuming. Parameter Speed Options JEDEC Std. Description 90R 101 112 120 Unit t AVAV t WC Write Cycle Time (Note 1) Min 90 100 110 120 ns t AVWL t AS Address Setup Time Min 0 ns t ASO Address Setup Time to OE# low during toggle bit polling Min 15 ns t WLAX t AH Address Hold Time Min 45 ns t AHT Address Hold Time From CE# or OE# high during toggle bit polling Min 0 ns t DVWH t DS Data Setup Time Min 45 ns t WHDX t DH Data Hold Time Min 0 ns t OEPH Output Enable High during toggle bit polling Min 20 ns t GHWL t GHWL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns t ELWL t CS CE# Setup Time Min 0 ns t WHEH t CH CE# Hold Time Min 0 ns t WLWH t WP Write Pulse Width Min 35 ns t WHDL t WPH Write Pulse Width High Min 30 ns t WHWH1 t WHWH1 Write Buffer Program Operation (Notes 2, 3) Typ 352 µs Effective Word Program Time, using the Write Buffer (Notes 2, 4) Typ 22 µs Effective Accelerated Word Program Time, using the Write Buffer (Notes 2, 4) Typ 17.6 µs Single Word Program Operation (Note 2, 5) Typ 100 µs Accelerated Single Word Programming Operation (Note 2, 5) Typ 90 µs t WHWH2 t WHWH2 Sector Erase Operation (Note 2) Typ 0.5 sec t VHH V HH Rise and Fall Time (Note 1) Min 250 ns t VCS V CC Setup Time (Note 1) Min 50 µs t POLL Program Valid Before Status Polling (Note 7) Max 4 µs |