Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM29LV641ML Datasheet(PDF) 43 Page - Advanced Micro Devices

No. de pieza AM29LV641ML
Descripción Electrónicos  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV641ML Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29LV641ML Datasheet HTML 39Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 40Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 41Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 42Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 43Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 44Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 45Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 46Page - Advanced Micro Devices AM29LV641ML Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
December 21, 2005
Am29LV641MH/L
41
DA TA SH EET
AC CHARACTERISTICS
Hardware Reset (RESET#)
Notes:
1. Not 100% tested.
2. AC Specifications listed are tested with V
IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC.
AC Characteristics
Parameter
Description
All Speed Options
Unit
JEDEC
Std.
t
Ready
RESET# Pin Low (During Embedded Algorithms)
to Read Mode (See Note)
Max
20
μs
t
Ready
RESET# Pin Low (NOT During Embedded
Algorithms) to Read Mode (See Note)
Max
500
ns
t
RP
RESET# Pulse Width
Min
500
ns
t
RH
Reset High Time Before Read (See Note)
Min
50
ns
t
RPD
RESET# Low to Standby Mode
Min
20
μs
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
RESET#
tDF
Figure 16.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60