| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV641ML Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641ML Datasheet(HTML) 7 Page - Advanced Micro Devices |
|
7 / 60 page ![]() December 21, 2005 Am29LV641MH/L 5 DA TA SH EET PRODUCT SELECTOR GUIDE Notes: 1. See “AC Characteristics” for full specifications. 2. For the Am29LV641MH/L device, the last numeric digit in the speed option (e.g. 101, 112, 120) is used for internal purposes only. Please use OPNs as listed when placing orders. BLOCK DIAGRAM Part Number Am29LV641MH/L Speed Option V CC = 3.0–3.6 V 90R (V IO = 3.0–3.6 V) 101R (V IO = 2.7–3.6 V) 112R (V IO = 1.65–3.6 V) 120R (V IO = 1.65–3.6 V) V CC = 2.7–3.6 V 101 (V IO = 2.7–3.6 V) 112 (V IO = 1.65–3.6 V) 120 (V IO = 1.65–3.6 V) Max. Access Time (ns) 90 100 110 120 Max. CE# Access Time (ns) 90 100 110 120 Max. Page access time (t PACC) 25 30 30 40 30 40 Max. OE# Access Time (ns) 25 30 30 40 30 40 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS V IO WE# WP# ACC CE# OE# STB STB DQ0 –DQ15 Sector Switches RESET# Data Latch Y-Gating Cell Matrix A21–A0 |