| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV641ML Datasheet(PDF) 59 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641ML Datasheet(HTML) 59 Page - Advanced Micro Devices |
|
59 / 60 page ![]() December 21, 2005 Am29LV641MH/L 57 DA TA SH EET Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Command Sequence Noted that the SecSi Sector, autoselect, and CFI func- tions are unavailable when a program or erase opera- tion is in progress. Common Flash Memory Interface (CFI) Changed CFI website address Figure 6. Program Suspend/Program Resume Change wait time to 15 μs. CMOS Compatible Added I LR row to table Changed V IH1 and VIH2 minimum to 1.9. Removed typos in notes. Hardware Reset, CMOS Tables, Erase and Program Operations, Temporary Sector Unprotect, and Alternate CE# Controlled Erase and Program Operations Added Note. Revision B+6 (February 16, 2003) Distinctive Characteristics Corrected performance characteristics. Product Selector Guide Added note 3. Ordering Information Corrected Valid Combination to reflect speed option changes. Added Note. AC Characteristics Removed 90, 90R speed option. Added Note Input values in the t WHWH1 and tWHWH2 parameters in the Erase and Program Options table that were previ- ously TBD. Also added notes 5 and 6. Input values in the t WHWH1 and tWHWH2 parameters in the Alternate CE# Controlled Erase and Program Op- tions table that were previously TBD. Also added notes 5. Erase and Programming Performance Input values into table that were previously TBD. Added note 3 and 4. Revision B+7 (June 12, 2003) Ordering Information Added 90R speed grade, modified note. Erase and programming Performance Modified table, inserted values for Typical. Revision B+8 (February 13, 2004) Table 1 Device Bus Operations Modified ACC column, replaced instances of X to L/H. Word/Byte Program Command Sequence Removed reference to byte. Erase Suspend/Erase Resume Commands Added note on flash device performance during sus- pend/erase mode. Table 10 Command Definitions Modified Program/Erase Suspend and Program/Erase Resume from BA to XXX (Don’t Care). AC Characteristics - Erase and Program Operations Added t POLL information and note. AC Characteristics - Alternate CE# Controlled Erase and Program Operations Added tPOLL information and note. AC Characteristics Figures Added tPOLL timing to Figure 18, Program Operation Timings; Figure 21, Data# Polling Timings (During Embedded Algorithms); and Figure 26, Alternate CE# Controlled Write (Erase/Program) Operation Timings. Erase and Programming Performance Removed reference to byte. Trademarks Updated. Revision B+9 (August 23, 2004) Added Max programming specifications. Added notation referencing superseding documenta- tion. Revision B+10 (December 21, 2005) Global This product has been retired and is not available for designs. For new and current designs, S29GL064A supersedes Am29LV641M H/L and is the factory-rec- ommended migration path. Please refer to the S29GL064A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |