| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4040C Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM4040C Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 58 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Oct-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM4040B82IDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4NM3, 4NMU) Samples LM4040C10IDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4NS3, 4NSU) Samples LM4040C10IDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4NS3, 4NSU) Samples LM4040C10IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 PKU Samples LM4040C10ILP OBSOLETE TO-92 LP 3 TBD Call TI Call TI -40 to 85 NFC10I LM4040C10ILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 NFC10I Samples LM4040C20IDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4MQ3, 4MQU) Samples LM4040C20IDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4MQ3, 4MQU) Samples LM4040C20IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 MVU Samples LM4040C20ILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 NFC20I Samples LM4040C20ILPE3 ACTIVE TO-92 LP 3 1000 TBD Call TI Call TI -40 to 85 Samples LM4040C20ILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 NFC20I Samples LM4040C20QDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 (4MW3, 4MWU) Samples LM4040C20QDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 (4MW3, 4MWU) Samples LM4040C25IDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4MU3, 4MUU) Samples LM4040C25IDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 (4MU3, 4MUU) Samples LM4040C25IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 MUU Samples LM4040C25IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 MUU Samples LM4040C25ILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 NFC25I Samples LM4040C25ILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 NFC25I Samples LM4040C25QDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 (4MA3, 4MAU) Samples Addendum-Page 3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |