Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 27 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4040C Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM4040C Datasheet HTML 23Page - Texas Instruments LM4040C Datasheet HTML 24Page - Texas Instruments LM4040C Datasheet HTML 25Page - Texas Instruments LM4040C Datasheet HTML 26Page - Texas Instruments LM4040C Datasheet HTML 27Page - Texas Instruments LM4040C Datasheet HTML 28Page - Texas Instruments LM4040C Datasheet HTML 29Page - Texas Instruments LM4040C Datasheet HTML 30Page - Texas Instruments LM4040C Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
8.2.2 Detailed Design Procedure
When using LM4040 as a comparator with reference, determine the following:
• Input voltage range
• Reference voltage accuracy
• Output logic input high and low level thresholds
• Current source resistance
8.2.2.1 LM4040 Voltage and Accuracy Choice
When using LM4040 as a reference for an ADC, the ADC's FSR (Full Scale Range), Resolution and LSB must
be determined. LSB can be determined by:
LSB=FSR/(2N-1)
With N being the resolution or Number of Bits. FSR and Resolution can be determined by the ADC's datasheet.
Vref can be determined by:
Vref=FSR+LSB
Though modern data converters use calibration techniques to compensate for any error introduced by a Vref's
inaccuracy, it is best to use the highest accuracy available. This is due to errors in the calibration method that
may allow some non-linearities introduced by the Vref's initial accuracy.
A good example is the LM4040x-41 that is designed to be a cost-effective voltage reference as required in 12-bit
data-acquisition systems. For 12-bit systems operating from 5-V supplies (see Figure 8-1), the LM4040A-41
(4.096V, 0.01%) only introduces 4 LSBs (4mV) of possible error in a system that consists of 4096 LSBs.
8.2.2.2 Cathode and Load Currents
In a typical shunt-regulator configuration (see Figure 8-2), an external resistor, RS, is connected between the
supply and the cathode of the LM4040. RS must be set properly, as it sets the total current available to supply
the load (IL) and bias the LM4040 (IZ). In all cases, IZ must stay within a specified range for proper operation of
the reference. Taking into consideration one extreme in the variation of the load and supply voltage (maximum IL
and minimum VS), RS must be small enough to supply the minimum IZ required for operation of the regulator, as
given by data-sheet parameters. At the other extreme, maximum VS and minimum IL, RS must be large enough
to limit IZ to less than its maximum-rated value of 15mA.
RS is calculated according to Equation 1:
(
)
(
)
S
Z
S
L
Z
V
V
R
I
I
-
=
+
(1)
LM4040
IZ + IL
IL
IZ
VS
VZ
RS
Figure 8-2. Shunt Regulator
www.ti.com
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com