Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4040C Datasheet(HTML) 3 Page - Texas Instruments

  LM4040C Datasheet HTML 1Page - Texas Instruments LM4040C Datasheet HTML 2Page - Texas Instruments LM4040C Datasheet HTML 3Page - Texas Instruments LM4040C Datasheet HTML 4Page - Texas Instruments LM4040C Datasheet HTML 5Page - Texas Instruments LM4040C Datasheet HTML 6Page - Texas Instruments LM4040C Datasheet HTML 7Page - Texas Instruments LM4040C Datasheet HTML 8Page - Texas Instruments LM4040C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
4 Device Comparison Table
TA
DEVICE
GRADE
VKA
ORDERABLE (1)
PART NUMBER
–40°C to 85°C
A grade:
0.1% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040A20I
2.5V
LM4040A25I
3V
LM4040A30I
4.096V
LM4040A41I
5V
LM4040A50I
8.192V
LM4040A82I
10V
LM4040A10I
B grade:
0.2% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040B20I
2.5V
LM4040B25I
3V
LM4040B30I
4.096V
LM4040B41I
5V
LM4040B50I
8.192V
LM4040B82I
10V
LM4040B10I
–40°C to 85°C
C grade:
0.5% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040C20I
2.5V
LM4040C25I
3V
LM4040C30I
4.096V
LM4040C41I
5V
LM4040C50I
8.192V
LM4040C82I
10V
LM4040C10I
–40°C to 85°C
D grade:
1.0% initial
accuracy
and
150 ppm/°C
temperature
coefficient
2.048V
LM4040D20I
2.5V
LM4040D25I
3V
LM4040D30I
4.096V
LM4040D41I
5V
LM4040D50I
8.192V
LM4040D82I
10V
LM4040D10I
–40°C to 125°C
C grade:
0.5% initial
accuracy
and
100 ppm/°C
temperature
coefficient
2.048V
LM4040C20Q
2.5V
LM4040C25Q
3V
LM4040C30Q
5V
LM4040C50Q
D grade:
1.0% initial
accuracy
and
150 ppm/°C
temperature
coefficient
2.048V
LM4040D20Q
2.5V
LM4040D25Q
3V
LM4040D30Q
5V
LM4040D50Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
www.ti.com
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com