Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4040C Datasheet(HTML) 4 Page - Texas Instruments

  LM4040C Datasheet HTML 1Page - Texas Instruments LM4040C Datasheet HTML 2Page - Texas Instruments LM4040C Datasheet HTML 3Page - Texas Instruments LM4040C Datasheet HTML 4Page - Texas Instruments LM4040C Datasheet HTML 5Page - Texas Instruments LM4040C Datasheet HTML 6Page - Texas Instruments LM4040C Datasheet HTML 7Page - Texas Instruments LM4040C Datasheet HTML 8Page - Texas Instruments LM4040C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
5 Pin Configuration and Functions
1
2
3
+
–
*
Figure 5-1. DBZ Package
3-Pin SOT-23
Top View
1
3
4
–
+
*
2
5
NC
NC
Figure 5-2. DCK Package
5-Pin SC70
Top View
+
–
3
2
1
*
Figure 5-3. LP Package
3-Pin TO-92
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
DCK
TO-92
CATHODE
1
3
2
I/O
Shunt Current/Voltage input
ANODE
2
1
1
O
Common pin, normally connected to ground
NC
—
4, 5
—
I
No Internal Connection
*
3
2
3
I
Substrate Connection. Must float or connect to anode.
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com