Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza LM4040C
Descripción Electrónicos  LM4040 Precision Micropower Shunt Voltage Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4040C Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM4040C Datasheet HTML 24Page - Texas Instruments LM4040C Datasheet HTML 25Page - Texas Instruments LM4040C Datasheet HTML 26Page - Texas Instruments LM4040C Datasheet HTML 27Page - Texas Instruments LM4040C Datasheet HTML 28Page - Texas Instruments LM4040C Datasheet HTML 29Page - Texas Instruments LM4040C Datasheet HTML 30Page - Texas Instruments LM4040C Datasheet HTML 31Page - Texas Instruments LM4040C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
8.2.2.3 Output Capacitor
The LM4040 does not require an output capacitor across cathode and anode for stability. However, if an output
bypass capacitor is desired, the LM4040 is designed to be stable with all capacitive loads.
8.2.2.4 SOT-23 Connections
There is a parasitic Schottky diode connected between pins 2 and 3 of the SOT-23 packaged device. Thus, pin 3
of the SOT-23 package must be left floating or connected to pin 2.
8.2.2.5 Start-Up Characteristics
In any data conversion system, start-up characteristics are important, as to determine when it is safe begin
conversion based upon a steady and settled reference value. As shown in Figure 8-4 it is best to allow for >20µs
from supply start-up to begin conversion.
1 Hz Rate
VZ
LM4040
RS
VIN
Figure 8-3. Test Circuit
8.2.3 Application Curve
−1
0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
VZ = 2.5 V
TJ = 25°C
RS = 30 kW
Response Time (ms)
VIN
VZ
6
4
2
0
−2
−4
−6
−8
−10
−12
Figure 8-4. Startup Response
8.3 Power Supply Recommendations
To not exceed the maximum cathode current, be sure that the supply voltage is current limited.
For applications shunting high currents (15mA max), pay attention to the cathode and anode trace lengths,
adjusting the width of the traces to have the proper current density.
8.4 Layout
8.4.1 Layout Guidelines
Figure 8-5 shows an example of a PCB layout of LM4040XXXDBZ. Some key Vref noise considerations are:
• Connect a low-ESR, 0.1-μF (CL) ceramic bypass capacitor on the cathode pin node.
• Decouple other active devices in the system per the device specifications.
• Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup.
LM4040A, LM4040B, LM4040C, LM4040D
SLOS456O – JANUARY 2005 – REVISED JUNE 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM4040A LM4040B LM4040C LM4040D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com