Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 56 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 52Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 53Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 54Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 55Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 56Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 57Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 58Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 59Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
56/232
DS12288 Rev 1
Table 12. STM32G474xB/xC/xE pin definition
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions
-
-
-
-
-
C3
1
1
PE2
I/O
FT
-
TRACECK,
TIM3_CH1,
SAI1_CK1,
SPI4_SCK,
TIM20_CH1,
FMC_A23,
SAI1_MCLK_A,
EVENTOUT
-
-
-
-
-
-
B2
2
2
PE3
I/O
FT
-
TRACED0,
TIM3_CH2,
SPI4_NSS,
TIM20_CH2,
FMC_A19,
SAI1_SD_B,
EVENTOUT
-
-
-
-
-
-
A1
3
3
PE4
I/O
FT
-
TRACED1,
TIM3_CH3, SAI1_D2,
SPI4_NSS,
TIM20_CH1N,
FMC_A20,
SAI1_FS_A,
EVENTOUT
-
-
-
-
-
-
B1
4
4
PE5
I/O
FT
-
TRACED2,
TIM3_CH4,
SAI1_CK2,
SPI4_MISO,
TIM20_CH2N,
FMC_A21,
SAI1_SCK_A,
EVENTOUT
-
-
-
-
-
-
C2
5
5
PE6
I/O
FT
-
TRACED3, SAI1_D1,
SPI4_MOSI,
TIM20_CH3N,
FMC_A22,
SAI1_SD_A,
EVENTOUT
WKUP3,
RTC_TAMP3
B9
1
1
1
1
D3
6
6
VBAT
S
-
-
-
-
B8
2
2
2
2
D4
7
7
PC13
I/O
FT
(2)
(3)
TIM1_BKIN,
TIM1_CH1N,
TIM8_CH4N,
EVENTOUT
WKUP2,
RTC_TAMP1,
RTC_TS,
RTC_OUT1
C9
3
3
3
3
C1
8
8
PC14-
OSC32_IN
I/O
FT
(2)
(3)
EVENTOUT
OSC32_IN
D9
4
4
4
4
D1
9
9
PC15-
OSC32_OUT
I/O
FT
(2)
(3)
EVENTOUT
OSC32_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com