Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 65 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 61Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 62Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 63Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 64Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 65Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 66Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 67Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 68Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 232 page
background image
DS12288 Rev 1
65/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
D2
-
-
41
55
E9
68
88
PC9
I/O
FT_f
-
TIM3_CH4,
RTIM1_CHE2,
TIM8_CH4, I2SCKIN,
TIM8_BKIN2,
I2C3_SDA,
EVENTOUT
-
D1
30
30
42
56
E10
69
89
PA8
I/O
FT_a
-
MCO, I2C3_SCL,
I2C2_SDA,
I2S2_MCK,
TIM1_CH1,
USART1_CK,
COMP7_OUT,
TIM4_ETR,
FDCAN3_RX,
SAI1_CK2,
HRTIM1_CHA1,
SAI1_SCK_A,
EVENTOUT
ADC5_IN1,
OPAMP5_VOUT
D4
31
31
43
57
D10
70
90
PA9
I/O
FT_fd
a
-
I2C3_SMBA,
I2C2_SCL,
I2S3_MCK,
TIM1_CH2,
USART1_TX,
OMP5_OUT,
TIM15_BKIN,
TIM2_CH3,
HRTIM1_CHA2,
SAI1_FS_A,
EVENTOUT
ADC5_IN2,
UCPD1_DBCC1
D3
32
32
44
58
D9
71
91
PA10
I/O
FT_fd
a
-
TIM17_BKIN,
USB_CRS_SYNC,
I2C2_SMBA,
SPI2_MISO,
TIM1_CH3,
USART1_RX,
COMP6_OUT,
TIM2_CH4,
TIM8_BKIN,
SAI1_D1,
HRTIM1_CHB1,
SAI1_SD_A,
EVENTOUT
UCPD1_DBCC2
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com