Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 58 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 54Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 55Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 56Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 57Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 58Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 59Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 60Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 61Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
58/232
DS12288 Rev 1
D8
7
7
7
7
F3
14
21
PG10-NRST
I/O
FT
-
MCO, EVENTOUT
NRST
E8
-
-
8
8
F2
15
22
PC0
I/O
FT_a
-
LPTIM1_IN1,
TIM1_CH1,
LPUART1_RX,
EVENTOUT
ADC12_IN6,
COMP3_INM
C8
-
-
9
9
F4
16
23
PC1
I/O
TT_a
-
LPTIM1_OUT,
TIM1_CH2,
LPUART1_TX,
QUADSPI1_BK2_IO0
, SAI1_SD_A,
EVENTOUT
ADC12_IN7,
COMP3_INP
F8
-
-
10
10
F1
17
24
PC2
I/O
FT_a
-
LPTIM1_IN2,
TIM1_CH3,
COMP3_OUT,
TIM20_CH2,
QUADSPI1_BK2_IO1
, EVENTOUT
ADC12_IN8
G9
-
-
11
11
G1
18
25
PC3
I/O
TT_a
-
LPTIM1_ETR,
TIM1_CH4, SAI1_D1,
TIM1_BKIN2,
QUADSPI1_BK2_IO2
, SAI1_SD_A,
EVENTOUT
ADC12_IN9,
OPAMP5_VINP
-
-
-
-
-
G3
19
26
PF2
I/O
FT
-
TIM20_CH3,
I2C2_SMBA,
FMC_A2,
EVENTOUT
-
D7
8
8
12
12
G4
20
27
PA0
I/O
TT_a
-
TIM2_CH1,
TIM5_CH1,
USART2_CTS,
COMP1_OUT,
TIM8_BKIN,
TIM8_ETR,
TIM2_ETR,
EVENTOUT
ADC12_IN1,
COMP1_INM,
COMP3_INP,
RTC_TAMP2,WK
UP1
E7
9
9
13
13
G2
21
28
PA1
I/O
TT_a
-
RTC_REFIN,
TIM2_CH2,
TIM5_CH2,
USART2_RTS_DE,
TIM15_CH1N,
EVENTOUT
ADC12_IN2,
COMP1_INP,
OPAMP1_VINP,
OPAMP3_VINP,
OPAMP6_VINM
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com