Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 64Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 65Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 66Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 67Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 68Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 69Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 70Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 71Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
68/232
DS12288 Rev 1
-
-
-
-
-
-
-
106
PG8
I/O
FT_f
-
I2C3_SDA,
LPUART1_RX,
FMC_NE3,
EVENTOUT
-
-
-
-
-
-
-
-
107
PG9
I/O
FT
-
SPI3_SCK,
USART1_TX,
FMC_NCE/FMC_NE
2, TIM15_CH1N,
EVENTOUT
-
B4
-
-
-
69
B8
82
108
PD0
I/O
FT
-
TIM8_CH4N,
FDCAN1_RX,
FMC_D2,
EVENTOUT
-
A4
-
-
-
70
A9
83
109
PD1
I/O
FT
-
TIM8_CH4,
TIM8_BKIN2,
FDCAN1_TX,
FMC_D3,
EVENTOUT
-
-
-
-
-
-
-
-
110
VSS
S
-
-
-
-
A1
-
-
-
-
-
-
111
VDD
S
-
-
-
-
B5
-
-
55
71
B7
84
112
PD2
I/O
FT
-
TIM3_ETR,
TIM8_BKIN,
UART5_RX,
EVENTOUT
-
-
-
-
-
-
C6
85
113
PD3
I/O
FT
-
TIM2_CH1/
TIM2_ETR,
USART2_CTS,
QUADSPI1_BK2_NC
S, FMC_CLK,
EVENTOUT
-
-
-
-
-
-
A8
86
114
PD4
I/O
FT
-
TIM2_CH2,
USART2_RTS_DE,
QUADSPI1_BK2_IO0
, FMC_NOE,
EVENTOUT
-
-
-
-
-
-
A7
87
115
PD5
I/O
FT
-
USART2_TX,
QUADSPI1_BK2_IO1
, FMC_NWE,
EVENTOUT
-
-
-
-
-
-
A6
88
116
PD6
I/O
FT
-
TIM2_CH4, SAI1_D1,
USART2_RX,
QUADSPI1_BK2_IO2
, FMC_NWAIT,
SAI1_SD_A,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com