Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 76 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 72Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 73Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 74Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 75Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 76Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 77Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 78Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 79Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 232 page
background image
PE0
-
-
TIM4_ETR
TIM20_CH4N
TIM16_
CH1
-
TIM20_ETR
USART1_
TX
-
FDCAN1
_RXFD
-
-
FMC_NBL0
-
-
EVENT
OUT
PE1
-
-
-
-
TIM17_
CH1
-
TIM20_CH4
USART1_
RX
-
-
-
-
FMC_NBL1
-
-
EVENT
OUT
PE2
TRACECK
-
TIM3_CH1
SAI1_CK1
-
SPI4_SCK
TIM20_CH1
-
-
-
-
-
FMC_A23
SAI1_MCLK_
A
-
EVENT
OUT
PE3
TRACED0
-
TIM3_CH2
-
-
SPI4_NSS
TIM20_CH2
-
-
-
-
-
FMC_A19
SAI1_SD_B
-
EVENT
OUT
PE4
TRACED1
-
TIM3_CH3
SAI1_D2
-
SPI4_NSS
TIM20_
CH1N
-
-
-
-
-
FMC_A20
SAI1_FS_A
-
EVENT
OUT
PE5
TRACED2
-
TIM3_CH4
SAI1_CK2
-
SPI4_MISO
TIM20_
CH2N
-
-
-
-
-
FMC_A21
SAI1_SCK_A
-
EVENT
OUT
PE6
TRACED3
-
-
SAI1_D1
-
SPI4_MOSI
TIM20_
CH3N
-
-
-
-
-
FMC_A22
SAI1_SD_A
-
EVENT
OUT
PE7
-
-
TIM1_ETR
-
-
-
-
-
-
-
-
-
FMC_D4
SAI1_SD_B
-
EVENT
OUT
PE8
-
TIM5_CH3
TIM1_CH1N
-
-
-
-
-
-
-
-
-
FMC_D5
SAI1_SCK_B
-
EVENT
OUT
PE9
-
TIM5_CH4
TIM1_CH1
-
-
-
-
-
-
-
-
-
FMC_D6
SAI1_FS_B
-
EVENT
OUT
PE10
-
-
TIM1_CH2N
-
-
-
-
-
-
-
QUADSPI1_
CLK
-FMC_D7
SAI1_MCLK_
B
-
EVENT
OUT
PE11
-
-
TIM1_CH2
-
-
SPI4_NSS
-
-
-
-
QUADSPI1_
BK1_NCS
-FMC_D8
-
-
EVENT
OUT
PE12
-
-
TIM1_CH3N
-
-
SPI4_SCK
-
-
-
-
QUADSPI1_
BK1_IO0
-FMC_D9
-
-
EVENT
OUT
PE13
-
-
TIM1_CH3
-
-
SPI4_MISO
-
-
-
-
QUADSPI1_
BK1_IO1
-
FMC_D10
-
-
EVENT
OUT
PE14
-
-
TIM1_CH4
-
-
SPI4_MOSI
TIM1_
BKIN2
--
-
QUADSPI1_
BK1_IO2
-FMC_D11
-
-
EVENT
OUT
PE15
-
-
TIM1_BKIN
-
-
-
TIM1_
CH4N
USART3_
RX
--
QUADSPI1_
BK1_IO3
-
FMC_D12
-
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
I2C4/
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C1/3/
TIM1/2/3/4/5/8/
20/15/
COMP1
QUADSPI1/
I2C3/4/SAI1/US
B/HRTIM1/
TIM8/20/15/
COMP3
I2C1/2/3/
4/TIM1/8/
16/17
QUADSPI1
/SPI1/2/3/4/
I2S2/3/I2C4/
UART4/5/
TIM8/
Infrared
QUADSPI1/
SPI2/3/I2S2
/3/TIM1/5/8/
20/Infrared
USART1/2/3
/FDCAN/CO
MP7/5/6
I2C3/4/UAR
T4/5/LPUA
RT1/COMP
1/2/7/4/5/6/
3
FDCAN/T
IM1/8/15/
FDCAN1/
2
QUADSPI1/
TIM2/3/4/8/1
7
LPTIM1/
TIM1/8/F
DCAN1/3
SDIO/FMC/LP
UART1/SAI1/H
RTIM1/TIM1
SAI1SAI1/HR
TIM1/OPAMP
2
UART4/5/
SAI1/TIM
2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com