Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 102Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 103Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 104Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 105Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 106Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 107Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 108Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 109Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 232 page
background image
1. Reduced code used for characterization results provided in Table 21, Table 23, Table 25.
Table 31. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in Sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
0.98
1.1
1.75
2.4
3.75
1.40
2.00
4.00
5.90
9.80
mA
16 MHz
0.67
0.835 1.45
2.15
3.5
1.10
1.60
3.60
5.50
9.40
8 MHz
0.44
0.605 1.25
2
3.35
0.71
1.30
3.30
5.20
9.00
4 MHz
0.33
0.5
1.1
1.9
3.25
0.55
1.20
3.10
5.00
8.90
2 MHz
0.27
0.445 1.05
1.85
3.2
0.46
1.10
3.00
4.90
8.80
1 MHz
0.24
0.415 1.05
1.8
3.15
0.41
0.97
2.90
4.80
8.70
100 KHz
0.21
0.385 0.995
1.8
3.1
0.37
0.93
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
6.60
6.95
7.8
8.9
10.5
8.60
8.80 11.00 14.00 19.00
Range 1
150 MHz
5.50
5.8
6.55
7.55
9.25
6.80
7.30
9.00
12.00 17.00
120 MHz
4.50
4.75
5.5
6.55
8.2
5.80
6.20
8.00
11.00 16.00
80 MHz
3.15
3.45
4.2
5.15
6.8
4.50
4.20
6.70
9.10
14.00
72 MHz
2.85
3.15
3.9
4.9
6.55
3.90
3.90
6.40
8.80
14.00
64 MHz
2.60
2.9
3.65
4.6
6.3
3.60
3.60
6.10
8.60
14.00
48 MHz
1.90
2.2
3
3.65
5.3
3.00
3.10
5.60
8.00
13.00
32 MHz
1.40
1.65
2.4
3.2
4.85
1.90
2.70
5.20
7.60
13.00
24 MHz
1.10
1.35
2.1
3
4.65
1.60
2.40
4.90
7.30
13.00
16 MHz
0.83
1.1
1.85
2.75
4.35
1.30
2.10
4.60
7.00
12.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com