Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 117 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 113Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 114Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 115Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 116Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 117Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 118Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 119Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 120Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 232 page
background image
DS12288 Rev 1
117/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
APB1
CRS
0.74
0.68
0.57
0.51
µA/MHz
FDCAN1/FDCAN2/FDCAN3
22.20
20.68
17.10
21.15
I2C1
1.29
1.20
0.99
1.28
I2C2
1.29
1.20
0.99
1.28
I2C3
1.25
1.17
0.96
1.56
I2C4
1.25
1.16
0.96
1.97
LPTIM1
1.11
1.03
0.85
1.42
LPUART1
1.91
1.78
1.47
2.03
PWR
0.71
0.65
0.53
0.53
RTC
2.64
2.46
2.07
3.26
SPI2/I2S2
4.05
3.77
3.11
4.16
SPI3/I2S3
4.08
3.81
3.13
4.49
TIM2
7.97
7.42
6.16
8.29
TIM3
6.37
5.93
4.92
6.81
TIM4
6.43
5.98
4.97
6.50
TIM5
8.28
7.71
6.38
8.11
TIM6
1.22
1.13
0.94
1.45
TIM7
1.28
1.18
0.98
1.56
UART4
2.51
2.33
1.92
3.14
UART5
2.79
2.60
2.14
3.34
USART2
2.75
2.56
2.12
3.11
USART3
2.71
2.52
2.08
2.47
USB
0.46
0.43
NA
NA
UCPD
2.46
2.28
1.89
NA
WWDG
0.42
0.39
0.31
0.42
Table 38. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com