Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474RCU6 Datasheet(PDF) 137 Page - STMicroelectronics

No. de pieza STM32G474RCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RCU6 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32G474RCU6 Datasheet HTML 133Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 134Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 135Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 136Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 137Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 138Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 139Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 140Page - STMicroelectronics STM32G474RCU6 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 232 page
background image
DS12288 Rev 1
137/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Table 59. I/O (except FT_c) AC characteristics(1) (2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum
frequency
C=50 pF, 2.7 V≤VDD≤3.6 V
-
5
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
1
C=10 pF, 2.7 V≤VDD≤3.6 V
-
10
C=10 pF, 1.62 V≤VDD≤2.7 V
-
1.5
Tr/Tf
Output rise and
fall time
C=50 pF, 2.7 V≤VDD≤3.6 V
-
25
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
52
C=10 pF, 2.7 V≤VDD≤3.6 V
-
17
C=10 pF, 1.62 V≤VDD≤2.7 V
-
37
01
Fmax
Maximum
frequency
C=50 pF, 2.7 V≤VDD≤3.6 V
-
25
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
10
C=10 pF, 2.7 V≤VDD≤3.6 V
-
50
C=10 pF, 1.62 V≤VDD≤2.7 V
-
15
Tr/Tf
Output rise and
fall time
C=50 pF, 2.7 V≤VDD≤3.6 V
-
9
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
16
C=10 pF, 2.7 V≤VDD≤3.6 V
-
4.5
C=10 pF, 1.62 V≤VDD≤2.7 V
-
9
10
Fmax
Maximum
frequency
C=50 pF, 2.7 V≤VDD≤3.6 V
-
50
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
25
C=10 pF, 2.7 V≤VDD≤3.6 V
-
100(3)
C=10 pF, 1.62 V≤VDD≤2.7 V
-
37.5
Tr/Tf
Output rise and
fall time
C=50 pF, 2.7 V≤VDD≤3.6 V
-
5.8
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
11
C=10 pF, 2.7 V≤VDD≤3.6 V
-
2.5
C=10 pF, 1.62 V≤VDD≤2.7 V
-
5
11
Fmax
Maximum
frequency
C=30 pF, 2.7 V≤VDD≤3.6 V
-
120(3)
MHz
C=30 pF, 1.62 V≤VDD≤2.7 V
-
50
C=10 pF, 2.7 V≤VDD≤3.6 V
-
180(3)
C=10 pF, 1.62 V≤VDD≤2.7 V
-
75
Tr/Tf
Output rise and
fall time(4)
C=30 pF, 2.7 V≤VDD≤3.6 V
-
3.3
ns
C=30 pF, 1.62 V≤VDD≤2.7 V
-
6
C=10 pF, 2.7 V≤VDD≤3.6 V
-
1.7
C=10 pF, 1.62 V≤VDD≤2.7 V
-
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com