Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGJ3P Datasheet(PDF) 89 Page - STMicroelectronics

No. de pieza STM32L4R5VGJ3P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ3P Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32L4R5VGJ3P Datasheet HTML 85Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 86Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 87Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 88Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 89Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 90Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 91Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 92Page - STMicroelectronics STM32L4R5VGJ3P Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 306 page
background image
42
M9
M9
64
64
L5
N8
N8
39
60
H7
L5
L5
N8
PE11
I/O
FT
-
TIM1_CH2,
DFSDM1_CKIN4,
TSC_G5_IO2,
OCTOSPIM_P1_NCS,
LCD_G4, FMC_D8,
EVENTOUT
-
43
L9
L9
65
65
M5
M8
M8
40
61
M9
M5
M5
M8
PE12
I/O
FT
-
TIM1_CH3N,
SPI1_NSS,
DFSDM1_DATIN5,
TSC_G5_IO3,
OCTOSPIM_1_IO0,
LCD_G5, FMC_D9,
EVENTOUT
-
44
M10 M10
66
66
J5
L8
L8
41
62
J8
J5
J5
L8
PE13
I/O
FT
-
TIM1_CH3,
SPI1_SCK,
DFSDM1_CKIN5,
TSC_G5_IO4,
OCTOSPIM_P1_IO1,
LCD_G6, FMC_D10,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More